Part Number Hot Search : 
2SC3467E HD6417 P560010 DC100 GAL16 4HCT7 NJU6467 B120NF
Product Description
Full Text Search
 

To Download IPD350N06LG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPD350N06L G
OptiMOS(R) Power-Transistor
Features * For fast switching converters and sync. rectification * N-channel enhancement - logicl level * 175 C operating temperature * Avalanche rated * Pb-free lead plating, RoHS compliant
Product Summary V DS R DS(on),max ID 60 35 29 V m A
Type
IPD350N06L G
Package Marking
PG-TO252-3-11 350N06L
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C T C=100 C Pulsed drain current Avalanche energy, single pulse Reverse diode dv /dt Gate source voltage Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1
1)
Value 29 20 116 80 6 20
Unit A
I D,pulse E AS dv /dt V GS P tot T j, T stg
T C=25 C1) I D=29 A, R GS=25 I D=29 A, V DS=48 V, di /dt =200 A/s, T j,max=175 C
mJ kV/s V W C
T C=25 C
68 -55 ... 175 55/175/56
See figure 3
Rev. 1.1
page 1
2006-05-08
IPD350N06L G
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case SMD version, device on PCB R thJC R thJA minimal footprint 6 cm2 cooling area2) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=28 A V DS=60 V, V GS=0 V, T j=25 C V DS=60 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=29 A V GS=4.5 V, I D=19 A Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=29 A 60 1.2 1.6 0.01 2 1 A V 2.2 75 50 K/W Values typ. max. Unit
16
1 1 27 36 1.4 32
100 100 35 47 S nA m
2)
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
Rev. 1.1
page 2
2006-05-08
IPD350N06L G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics3) Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage Reverse recovery time Reverse recovery charge
3)
Values typ. max.
Unit
C iss C oss C rss t d(on) tr t d(off) tf V DD=30 V, V GS=10 V, I D=29 A, R G=11 V GS=0 V, V DS=30 V, f =1 MHz
-
600 150 40 6 21 29 20
800 200 60 9 32 44 30
pF
ns
Q gs Q g(th) Q gd Q sw Qg V plateau Q oss V DD=30 V, V GS=0 V V DD=30 V, I D=29 A, V GS=0 to 5 V
-
2 1 6 8 10 4.2 6
3 1.3 9 11 13 7
nC
V
IS I S,pulse V SD t rr Q rr
T C=25 C V GS=0 V, I F=29 A, T j=25 C V R=30 V, I F=I S, di F/dt =100 A/s
-
0.98 40 36
29 116 1.3 50 45
A
V ns nC
See figure 16 for gate charge parameter definition
Rev. 1.1
page 3
2006-05-08
IPD350N06L G
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
80 70
30
25 60 20 50
P tot [W]
40 30
I D [A]
0 50 100 150 200
15
10 20 5 10 0 0 0 50 100 150 200
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
101
limited by on-state resistance
1 s 10 s 100 s 0.5
10
2
100
101
DC
1 ms
Z thJC [K/W]
0.2
I D [A]
0.1 0.05
10 ms
10-1 10
0
0.02 0.01 single pulse
10-1 10
-1
10-2 10
0
10
1
10
2
10-6
10-5
10-4
10-3
10-2
10-1
100
V DS [V]
t p [s]
Rev. 1.1
page 4
2006-05-08
IPD350N06L G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
60
10 V 5.5 V 5V
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
80
3V 3.5 V 4V
50 60 40
4.5 V
R DS(on) [m]
4.5 V
I D [A]
30
4V
40
5V 5.5 V 10 V
20 20
3.5 V
10
3V
0 0 1 2 3
0 0 10 20 30 40
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
60
8 Typ. forward transconductance g fs=f(I D); T j=25 C
50
50 40 40 30 30
g fs [S]
20 10
175 C 25 C
I D [A]
20
10
0 0 1 2 3 4 5
0 0 10 20 30 40 50 60
V GS [V]
I D [A]
Rev. 1.1
page 5
2006-05-08
IPD350N06L G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=29 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
100 2.5
80
2
280 A
R DS(on) [m]
60
V GS(th) [V]
1.5
28 A
98 %
40
typ
1
20
0.5
0 -60 -20 20 60 100 140 180
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
102
175 C 98%
103
25 C Ciss
C [pF]
I F [A]
101
175 C
25 C 98%
Coss
102
Crss
100
101 0 10 20 30 40 50
10-1 0 1 2 3
V DS [V]
V SD [V]
Rev. 1.1
page 6
2006-05-08
IPD350N06L G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
102
14 Typ. gate charge V GS=f(Q gate); I D=29 A pulsed parameter: V DD
12
10
25 C 12V
30 V
48 V
8
100 C
101
150 C
V GS [V]
102 t AV [s] 103
I AV [A]
6
4
2
100 100 101
0 0 5 10 15 20
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
75
V GS
Qg
70
V BR(DSS) [V]
65
60
V g s(th)
55
Q g (th) Q gs
-60 -20 20 60 100 140 180
Q sw Q gd
Q gate
50
T j [C]
Rev. 1.1
page 7
2006-05-08
IPD350N06L G
PG-TO252-3: Outline
packaging:
Rev. 1.1
page 8
2006-05-08
IPD350N06L G
Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2006. All Rights Reserved. Attention please! The information given in this data sheet shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office ( www.infineon.com ). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.1
page 9
2006-05-08


▲Up To Search▲   

 
Price & Availability of IPD350N06LG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X